Part Number Hot Search : 
SF2008G 60150 40ST1140 00415 05012 BR6010 SIP2803 R6100225
Product Description
Full Text Search
 

To Download EPC3391G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PoE Flyback Transformer
ELECTRONICS INC.
EPC3391G & EPC3391G-LF
* 45W PoE Applications * Designed to work with LT1725 * Used in Flyback Topology Converter * Bobbin : UL94V-0 Recognized Materials * Storage Temperature : -40C to +125C * Operating Temperature : 0C to +70C * UL 1446 Class B Insulation System * Duty Cycle : 50% Max.
Electrical Parameters @ 25 C
Inductance (H 10%) @ 100 KHz, 1.0 Vrms 42 Pins 1-3 0.1 Pins 1-3
DCR ( Typ.)
Turns Ratio
Leakage Inductance (H Max.) @ 100 KHz, 1.0 Vrms
Dielectric Rating (Vrms)
0.135 Pins 5-6
0.06 Pins 8-11
2.4:1 Pins 1-3:5-6
0.9:1 Pins 1-3:8-11
1.0 Pins 1-3 All other wdg's shorted
1500 Wdg's - Wdg's Wdg's - Core
Package
Pin 1 I.D. Pri. (36-57 Vdc) .810 (20.57) 1 3 5 6
Schematic
8 11
Marking: PCA EPC3391G(-LF) D.C.
Sec. 36 V (1.25 A)
Vcc 15 V (10 mA)
.450 Max. (11.43) .969 (24.60) .827 (21.00)
0.004 (.100) .084 (2.13) .028 (.720) .130 (3.30) .930 (23.62) .050 (1.27)
6
7
PCB Layout (Top View) 1 12 .118 (3.00) .118 (3.00)
Component Outline 1.250 x .850 (31.75 x 21.60)
Notes : 1. Lead Finish 2. Peak Solder Rating
(for wave solder process Only)
EPC3391G SnPb 225C 11.1 grams (Tube) 25 pcs / tube
EPC3391G-LF Hot Tin Dip (Sn) 260C 11.1 grams 25 pcs / tube
3. Weight 4. Packaging Information
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3391G & -LF Rev. 1 12/13/07 JDG
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3391G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X